Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66516B Datasheet (PDF) - GaN Systems Inc.

GS66516B Datasheet PDF - GaN Systems Inc.
Part # GS66516B
Download  GS66516B Download
File Size   1098.33 Kbytes
Page   16 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description Bottom-side cooled 650 V E-mode GaN transistor

GS66516B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS66516B Datasheet PDF - GaN Systems Inc.

Part # GS66516B
Download  GS66516B Click to download

File Size   1098.33 Kbytes
Page   16 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description Bottom-side cooled 650 V E-mode GaN transistor

GS66516B Datasheet (HTML) - GaN Systems Inc.


GS66516B Product details

Features
• 650 V enhancement mode power transistor
• Bottom-side cooled configuration
• RDS(on) = 25 mΩ
• IDS(max) = 60 A
• Ultra-low FOM die
• Low inductance GaNPX® package
• Simple drive requirements (0 V to 6 V)
• Transient tolerant gate drive (-20 V / +10 V)
• Very high switching frequency (> 10 MHz)
• Fast and controllable fall and rise times
• Reverse current capability
• Zero reverse recovery loss
• Small 11 x 9 mm2 PCB footprint
• Source Sense (SS) pins for optimized gate drive
• Dual Gate Pins for optimal paralleling
• RoHS 3 (6 + 4) compliant

Applications
• AC-DC Converters
• DC-DC Converters
• Bridgeless Totem Pole PFC
• Inverters
• Energy Storage Systems
• On Board Battery Chargers
• Uninterruptable Power Supplies
• Solar Energy
• Industrial Motor Drives
• Laser Drivers
• Traction Drive
• Wireless Power Transfer

Description
The GS66516B is an enhancement mode GaN on silicon power transistor. The properties of GaN allow for high current, high voltage breakdown and high switching frequency. GaN Systems innovates with industry leading advancements such as patented Island Technology® and GaNPX® packaging. Island Technology® cell layout realizes high-current die and high yield. GaNPX® packaging enables low inductance & low thermal resistance in a small package. The GS66516B is a bottom-side cooled transistor that offers very low junction-to-case thermal resistance for demanding high power applications. These features combine to provide very high efficiency power switching.




Similar Part No. - GS66516B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
More results


Similar Description - GS66516B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66504B GAN-GS66504B Datasheet
975Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
logo
Teledyne Technologies I...
TDG100E90BEP TELEDYNE-TDG100E90BEP Datasheet
2Mb / 19P
Bottom-side cooled, 100V E-mode GaN transistor Product Specification
04-2020 Rev1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com