Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-2 Datasheet (PDF) - Cirrus Logic

EV-2 Datasheet PDF - Cirrus Logic
Part # EV-2
Download  EV-2 Download
File Size   434.99 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Digital Audio Networking Processor

EV-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-2 Datasheet PDF - Cirrus Logic

Part # EV-2
Download  EV-2 Click to download

File Size   434.99 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Digital Audio Networking Processor

EV-2 Datasheet (HTML) - Cirrus Logic


EV-2 Product details

Introduction
The EV-2 provides a means of evaluating the CM-1 or CM-2 CobraNet™ Modules and the Cirrus Logic CobraNet Silicon Series of devices. In addition to evaluating the CM-1 or CM-2 (hereafter collectively referred to as the CM except where differences between the CM-1 and CM-2 exist), the user may also use the EV-2 as a development platform and as an example interface for CMs, the Cobranet Silicon Series, and other CobraNet related projects. The EV-2 connects to the CM via the modules host interface. An 8051-type microcontroller interfaces to the CMs host port, and a simple audio router on the EV-2 allows multiple audio inputs and outputs to connect to the CMs serial audio interface. The EV-2 software provides a simple interface for audio routing on the EV-2, as well as development support.

Features*:
• Analog audio I/O: Two channels of analog audio input converted to high quality, 24-bit, 48 kHz or 96 kHz digital audio. Two channels of 24-bit, 48 kHz or 96 kHz digital audio converted to high quality, analog audio output. Refer to Appendix B for audio I/O specifications.
• Digital audio I/O: One stream of AES3 input and one stream of AES3 output. An AES3 stream is two channels of digital audio. The AES3 input stream is sample rate converted.
• 8051-type microcontroller: 64kB on-chip Flash Program Memory, 1kB internal SRAM, 32kB external SRAM and in-system programmability.
• Field programmability: The supplied EV-2 software provides a means to reprogram EV-2 microcontroller firmware for field upgrades or user development.
• RS232 Interfaces: Two RS232 interfaces, one direct to the CM and another to the microcontroller.
• Routing flexibility: Route from any audio source to any audio sink using the supplied EV-2 software. Route to and from the CM as well as within the EV-2.
• Sine wave generation: A sine wave test tone may be used as an alternate audio source. Minimal frequency and gain control is provided.
• Hex switches: Four hex formatted switches may be used for network identification of the CobraNet module and/or user development.
• Command line interface: The 8051, via its RS232 serial interface, can be used to configure the CM using a command line interface.Cobranet HMI variables can be viewed and modified using this interface. Refer to Appendix E for a description of the Command line interface.
• LED display: Three LED indicators are provided and may be used for user development.
• Power supply: Uses standard computer ATX power supply (not included).




Similar Part No. - EV-2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EV-20-4 FESTO-EV-20-4 Datasheet
92Kb / 1P
Clamping module
12/7/22
EV-20/120-5 FESTO-EV-20/120-5 Datasheet
92Kb / 1P
Clamping module
12/7/22
EV-20/180-5 FESTO-EV-20/180-5 Datasheet
93Kb / 1P
Clamping module
12/7/22
EV-20/75-5 FESTO-EV-20/75-5 Datasheet
92Kb / 1P
Clamping module
12/7/22
EV-25-4 FESTO-EV-25-4 Datasheet
92Kb / 1P
Clamping module
12/7/22
More results


Similar Description - EV-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
Digital Audio Processor LSI
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
Digital Audio Pwm Processor
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
DAP1 Digital Audio Processor
logo
Cirrus Logic
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
Digital Audio Networking Processor
CS496122-CQZ CIRRUS-CS496122-CQZ Datasheet
679Kb / 54P
Digital Audio Networking Processor
logo
Analog Devices
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
SigmaDSP Digital Audio Processor
3/2018-Rev. B to Rev. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
SigmaDSP Digital Audio Processor
11/2020-Revision 0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com