Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS950 Datasheet (PDF) - YAMAHA CORPORATION

YSS950 Datasheet PDF - YAMAHA CORPORATION
Part # YSS950
Download  YSS950 Download
File Size   781.72 Kbytes
Page   30 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description DAP1 Digital Audio Processor

YSS950 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSS950 Datasheet PDF - YAMAHA CORPORATION

Part # YSS950
Download  YSS950 Click to download

File Size   781.72 Kbytes
Page   30 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description DAP1 Digital Audio Processor

YSS950 Datasheet (HTML) - YAMAHA CORPORATION


YSS950 Product details

■ Outline

The YSS950 (DAP1) is a DSP (Digital Signal Processor) for sound field processing, which features a high-speed/ high-precision 32-bit floating point DSP.



■ Features

32-bit floating point DSP achieves high-speed/high-precision operations 

    • Operation frequency:  Approximately 166 MHz 

    • Data bus width:  32 bits (24-bit mantissa, 8-bit exponent)

    • Multiplier/adder: 32 bits × 32 bits + 55 bits →55 bits (47-bit mantissa, 8-bit exponent)

48 KB (12 Kword) preset command code firmware area 

24 KB (6 Kword) download command code firmware area (maximum)

104 KB (26 Kword) data RAM area (maximum)

High-speed command code/coefficient data firmware download (burst transfer)

Download coefficients data firmware without any interruption of sound (runtime transfer)

Firmware’s placement order can be changed

Firmware’s number of execution channels can be changed (up to 16 channels)

Multiple firmware calls are enabled

Audio I/O

  • 32 bits × 16 channels, TDM

  • Fixed point decimal format and floating point decimal format (IEEE Standard 754, two’s complement)

  • Sampling frequency range is 32 to 192 kHz 

  •Audio clock division/switch

  •Input/output muting

  •Input/output channel switching

External memory not required 

General I/O ports (4)

On-chip PLL

Power supply voltage:   1.2 V (core), 3.3 V (pin)

Low power consumption: Approximately 130mW (typical value)

Si-gate CMOS process 

Lead-free 64-pin SQFP package (YSS950-SZ)



■ Applications

Home theater systems

Car audio




Similar Part No. - YSS950

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YSS952 YAMAHA-YSS952 Datasheet
1Mb / 116P
Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.
2012.03
More results


Similar Description - YSS950

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
Digital Audio Processor LSI
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
Digital Audio Pwm Processor
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Cirrus Logic
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
Digital Audio Networking Processor
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
SigmaDSP Digital Audio Processor
REV. C
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
SigmaDSP Digital Audio Processor
3/2018-Rev. B to Rev. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
SigmaDSP Digital Audio Processor
11/2020-Revision 0
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com