Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS950 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YSS950 Datasheet HTML 1Page - YAMAHA CORPORATION YSS950 Datasheet HTML 2Page - YAMAHA CORPORATION YSS950 Datasheet HTML 3Page - YAMAHA CORPORATION YSS950 Datasheet HTML 4Page - YAMAHA CORPORATION YSS950 Datasheet HTML 5Page - YAMAHA CORPORATION YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
YSS950
2
■ Block Diagram
PLL
XI
XO
32bit Floating-Point DSP
Serial
Data
Input
Serial
Data
Output
Instruction/Data
RAM
28K x 32
Instruction/Data
ROM
24K x 32
Registers
Serial Peripheral Interface
SDIMCK
SDIBCK
SDIWCK
SDI0
SDI1
SDI2
SDI3
SDI4
SDI5
SDI6
SDI7
SDOMCK
SDOBCK
SDOWCK
SDO0
SDO1
SDO2
SDO3
SDO4
SDO5
SDO6
SDO7
/CS
SCK
SI
SO
GPIO3-0
/RST
/INT
/MUTE
TEST4-0
■ System Configuration Example
YSS950
DIR
or
ADC
or
DSP
DIT
or
DAC
or
DSP
Microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com