Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS950 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION YSS950 Datasheet HTML 10Page - YAMAHA CORPORATION YSS950 Datasheet HTML 11Page - YAMAHA CORPORATION YSS950 Datasheet HTML 12Page - YAMAHA CORPORATION YSS950 Datasheet HTML 13Page - YAMAHA CORPORATION YSS950 Datasheet HTML 14Page - YAMAHA CORPORATION YSS950 Datasheet HTML 15Page - YAMAHA CORPORATION YSS950 Datasheet HTML 16Page - YAMAHA CORPORATION YSS950 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
YSS950
13
2) Runtime transfer mode
During runtime transfer mode, coefficient data firmware can be downloaded.
This mode enables the
coefficient to be changed without jitter, even during signal processing.
The runtime processing mode’s
features are listed below.
• Transfers are performed while signal processing is continued. Auto mute is not set during the transfer
period.
• Up to 32 words of transfer data is buffered and written to on-chip memory as a batch.
• Downloading of coefficient data firmware is supported.
The runtime transfer mode’s steps for on-chip memory access are illustrated below.
0
Write
RTCNT=0
16 SCKs
16x3 SCKs
Write
OMAA=A,OMA=1
Write
OMASUM=0
16 SCKs
Don't care
Don't care
/CS
SI
Write
D[0]
Write
D[1]
Write
D[n-1]
(OMA)
(1)
(RTCNT)
1
n-1
n
SCK
32 SCKs
32x(n-1) SCKs
<1> Setup (transfer to on-chip buffer)
• Initialize the transfer data count (RTCNT[5:0] = 0).
• Initialize the checksum as necessary. (OMASUM[7:0]=0)
• Set the start address for on-chip memory (example: 0MAA[20:0] = A).
• Change the serial peripheral interface’s pin function from register access to on-chip memory access
(OMA = 1).
• The specified amount of data at consecutive addresses is transferred in 32-bit units, and in LSB first
sequence.
• The transfer data count (RTCNT[5:0]) is automatically incremented each time 32 bits of data are
written.
• Transfer of data to on-chip buffers ends when /CS = H is set.
Don't care
Don't care
Don't care
/CS
SI
(OMAA)
(RTREQ)
SO
(RTCNT)
SCK
16 SCKs
16 SCKs
16 SCKs
Don't care
A
Write
RTREQ=1
(2)
(3)
High-Z
Read
RTREQ
Read
RTREQ
n
<2> Start (transfer from on-chip buffer to on-chip memory)
• Start of data transfer is requested (RTREQ = 1).
<3> End
• End of data transfer is confirmed (RTREQ = 0, IRFW[0]=1).
• OMASUM[7:0] is notified of the checksum of the transferred data.
[Note]
• On-chip buffer transfer can be interrupted by setting /CS to high level. If a transfer is interrupted before
the rising edge of SCK in the 32nd data bit, the write operation is not performed.
• When transferring to non-consecutive addresses or when re-executing after the on-chip buffer transfer
has been interrupted, start from step (1) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com