Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS950 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION YSS950 Datasheet HTML 10Page - YAMAHA CORPORATION YSS950 Datasheet HTML 11Page - YAMAHA CORPORATION YSS950 Datasheet HTML 12Page - YAMAHA CORPORATION YSS950 Datasheet HTML 13Page - YAMAHA CORPORATION YSS950 Datasheet HTML 14Page - YAMAHA CORPORATION YSS950 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
YSS950
11
■ FUNCTION DESCRIPTION
(1) Serial Peripheral Interface
This LSI provides a four-wire serial peripheral interface (SPI) for the /CS, SK, SI, and SO pins.
The
microcontroller accesses the following via this serial peripheral interface
• Register address
• On-chip memory access (firmware download)
The following is a status transition diagram for the serial peripheral interface.
Device
not selected
Register access
On-chip
memory access
(Firmware download)
/CS=L
Register settings for
on-chip memory access
/CS=H
/CS=H
[Note]
In this manual, “register access” is the means of accessing on-chip memory, and should be considered as
functionally similar to “firmware download”.
(a) Register access
Register access is performed in 16-bit units via the serial peripheral interface. SI is used to specify the register
address (7 bits:
A6 to A0) and the read/write setting (1 bit: R/W).
During a write operation (R/W = L), data
(8 bits:
D7 to D0) should be written to SI, and during a read operation (R/W = H), 8-bit data should be read
from SO.
The write data is stored internally at the rising edge of SCK in the last data bit (D7 in the diagram).
The serial peripheral interface sequence during register access is illustrated below.
Don't care
Don't care
/CS
SCK
SI
Don't care
A0
A1
A2
A3
A4
A5
A6
D0
D1
D2
D3
D4
D5
R/W
D6
D7 Don't care
SO
High-Z
SI
Don't care
A0
A1
A2
A3
A4
A5
A6 R/W
SO
High-Z
High-Z
D1
D2
D3
D4
D5
D6
D7
Write
operation
(R/W = L)
Read
operation
(R/W = H)
Don't care
D0
[Note]
• SO is in output mode only during data read operations when /CS = L. Otherwise, high impedance output
is set, so that SCK, SI, and SO can be shared with other devices that have a similar interface.
• Continuous register access is enabled when /CS = L. There is no need to set /CS = H between access
times.
• During a hardware reset (/RST = L), keep /CS to high level (/CS = H)..
• If /CS = H is set during register access, access is stopped. Any write operation that occurs prior to the
rising edge of the 16th SCK signal (SI’s D7 data capture clock) is invalid.
SO is set to high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com