Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS950 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 17Page - YAMAHA CORPORATION YSS950 Datasheet HTML 18Page - YAMAHA CORPORATION YSS950 Datasheet HTML 19Page - YAMAHA CORPORATION YSS950 Datasheet HTML 20Page - YAMAHA CORPORATION YSS950 Datasheet HTML 21Page - YAMAHA CORPORATION YSS950 Datasheet HTML 22Page - YAMAHA CORPORATION YSS950 Datasheet HTML 23Page - YAMAHA CORPORATION YSS950 Datasheet HTML 24Page - YAMAHA CORPORATION YSS950 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
YSS950
21
■ ELECTRICAL CHARACTERISTICS
(1) Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltage 1 (3.3 V)
VDD33
[Note 1]
−0.5
4.6
V
VDD12
[Note 1]
PAVDD
[Note 1]
Power supply voltage 2 (1.2 V)
PDVDD
[Note 1]
−0.5
1.68
V
Input voltage 1
VI1
[Notes 1 and 2]
−0.5
5.5
V
Input voltage 2
VI2
[Notes 1 and 3]
−0.5
4.6
V
Storage temperature
TSTG
−50
125
°C
[Note 1]
All GND pins (VSS, PAVSS, and PDVSS) are 0 V.
[Note 2]
Applies to all input pins other than XI (5 V tolerant).
[Note 3]
Applies to the XI pin.
(2) Recommend Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltage 1 (3.3 V)
VDD33
[Note 1]
3.0
3.3
3.6
V
VDD12
[Note 1]
PAVDD
[Note 1]
Power supply voltage 2 (1.2 V)
PDVDD
[Note 1]
1.1
1.2
1.3
V
Operating temperature
TOP
−40
25
85
°C
[Note 1]
All GND pins (VSS, PAVSS, and PDVSS) are 0 V.
(3) Current Consumption
(a) During normal operation mode
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power consumption
[Notes 1 and 2]
130
207
mW
VDD33 current consumption
[Notes 1 and 2]
7
10
mA
VDD12 + PAVDD + PDVDD current consumption
[Notes 1 and 2]
89
131
mA
[Note 1]
Typical values are typical under the recommended operation conditions.
Maximum values are maximum values
under the recommended operation conditions.
However, the input pin’s high-level voltage value is VDD33 and the low-level input voltage value is VSS.
[Note 2]
This depends on the sampling frequency and firmware.
The firmware used in this case requires a processing
load of approximately 150 MHz at a sampling frequency of 48 kHz.
(b) During power-down mode
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power consumption
[Notes 1]
1
22
mW
VDD33 current consumption
[Notes 1]
6
200
µA
VDD12 + PAVDD + PDVDD current consumption
[Notes 1]
1
16
mA
[Note 1]
Typical values are typical under the recommended operation conditions.
Maximum values are maximum values
under the recommended operation conditions.
However, the input pin’s high-level voltage value is VDD33 and the low-level input voltage value is VSS.
[Note 2]
The current consumption increases at higher temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com