Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS952 Datasheet (PDF) - YAMAHA CORPORATION

YSS952 Datasheet PDF - YAMAHA CORPORATION
Part # YSS952
Download  YSS952 Download
File Size   1522.36 Kbytes
Page   116 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.

YSS952 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSS952 Datasheet PDF - YAMAHA CORPORATION

Part # YSS952
Download  YSS952 Click to download

File Size   1522.36 Kbytes
Page   116 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.

YSS952 Datasheet (HTML) - YAMAHA CORPORATION


YSS952 Product details

1.1 Features
○ Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.
○ Voice application DSP (MDSP2: floating point, 73.728 MHz)
・ Instructions RAM (MPRAM) 1.5k by 40 bits
・ Coefficients RAM (CRAM) 1k by 16 bits
・ Work RAM (WRAM0, WRAM1) 1k by 32 bits
・ Delay line RAM (WRAM) 14k by 20 bits or 7k by 32 bits
(up to 298 ms with fs = 48 kHz, 'by 20 bits' configuration)
○ Auxiliary DSP (SDSP: fixed point)
・ High quality asynchronous sampling rate converter (SRC: 2 channel, 8 to 192 kHz input range)
・ 10 band parametric equalizer (2 channel)
○ FM Synthesizer
・ Integrated the Yamaha FM Synthesizer
・ Integrated melody sequencer
・ Up to four voices (with four different tones)
○ On chip ROM (Preset ROM) 65k by 8 bits
・ Preset signal processing programs for MDSP2 [Note 1]
・ Preset FM synthesizer data for startup sounds and keypad/alert tones
○ MDSP2 runs the signal processing programs download from host controller.
・ Changing coefficients data for the programs possible with downloading.
○ Audio interfaces
・ Digital inputs up to 6 channels (2 channels through SRC)
・ Digital outputs up to 4 channels plus 2 channel amplifier outputs
○ Operating Supply Range: 3.0V to 3.6V (IOVDD), 1.65V to 1.95V (DVDD18, PLLVDD)
○ On chip PLL
○ Package information
・ Lead-free 32-pin QFN [with bottom heat pad] (YSS952-QZ)

1.2 Applications
○ Flat panel TVs
○ Karaoke sets
○ Home audio systems
○ Portable media equipments




Similar Part No. - YSS952

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
DAP1 Digital Audio Processor
More results


Similar Description - YSS952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7427 STMICROELECTRONICS-TDA7427 Datasheet
144Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Nov-1999
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
FM Wavetable Synthesizer LSI
logo
Advanced XTAL Products
AXHS0001 AXTAL-AXHS0001 Datasheet
44Kb / 1P
PLL Synthesizer in SMD package
2006-07-31
AXHS1001 AXTAL-AXHS1001 Datasheet
44Kb / 1P
PLL Synthesizer in SMD package
2006-07-31
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF_15 Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
January 14 2013
logo
Littelfuse
HSPZA22SL LITTELFUSE-HSPZA22SL Datasheet
450Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
PRS65 LITTELFUSE-PRS65 Datasheet
309Kb / 1P
Dedicated - Single Shot
2016 Rev: 1-A-062716
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com