Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427 Datasheet (PDF) - STMicroelectronics

TDA7427 Datasheet PDF - STMicroelectronics
Part # TDA7427
Download  TDA7427 Download
File Size   144.14 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER

TDA7427 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7427 Datasheet PDF - STMicroelectronics

Part # TDA7427
Download  TDA7427 Click to download

File Size   144.14 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER

TDA7427 Datasheet (HTML) - STMicroelectronics


TDA7427 Product details

DESCRIPTION
The TDA7427 is a PLL frequency synthesizer with an additional IF counting system that performs all the functions needed in a complete PLL radio tuning system for conventional and high speed RDS tuners. The device has dedicated outputs for IN-LOCK detection and Search/Stop station.

■ ON-CHIP REFERENCE OSCILLATOR AND PROGRAMMABLE IF COUNTER
■ VHF INPUT AND PRECOUNTER FOR FREQUENCIES UP TO 290MHz
   (SUITABLE FOR DAB APPLICATION)
■ HF INPUT FOR FREQUENCIES UP TO 64MHz (SHORT WAVE BAND)
■ IN-LOCK DETECTOR FOR SEARCH/STOP STATION FUNCTION
■ STAND-BY MODE FOR LOW POWER CONSUMPTION
■ HIGH CURRENT SOURCE FOR 0.5ms LOCK-IN TIME
■ DIGITAL PORT EXTENSION WITH TWO OUTPUTS FOR FLEXIBILITY IN APPLICATION
■ FULLY PROGRAMMABLE BY I2C BUS




Similar Part No. - TDA7427

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD STMICROELECTRONICS-TDA7427AAD Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD1 STMICROELECTRONICS-TDA7427AAD1 Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
More results


Similar Description - TDA7427

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
RF/IF circuit for AM/FM radio
September 1987
logo
STMicroelectronics
TDA7326 STMICROELECTRONICS-TDA7326 Datasheet
184Kb / 16P
AM-FM RADIO FREQUENCY SYNTHESIZER
Jul-1994
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
AM radio / FM IF stereo system IC
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
AM/FM PLL Frequency Synthesizer
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
AM/FM PLL Frequency Synthesizer?
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com