Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7427 Datasheet HTML 1Page - STMicroelectronics TDA7427 Datasheet HTML 2Page - STMicroelectronics TDA7427 Datasheet HTML 3Page - STMicroelectronics TDA7427 Datasheet HTML 4Page - STMicroelectronics TDA7427 Datasheet HTML 5Page - STMicroelectronics TDA7427 Datasheet HTML 6Page - STMicroelectronics TDA7427 Datasheet HTML 7Page - STMicroelectronics TDA7427 Datasheet HTML 8Page - STMicroelectronics TDA7427 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TDA7427
AM-FM RADIO FREQUENCY SYNTHESIZER
AND IF COUNTER
ON-CHIP REFERENCE OSCILLATOR AND
PROGRAMMABLE IF COUNTER
VHF INPUT AND PRECOUNTER FOR FRE-
QUENCIES UP TO 290MHz (SUITABLE FOR
DAB APPLICATION)
HF INPUT FOR FREQUENCIES UP
TO
64MHz (SHORT WAVE BAND)
IN-LOCK DETECTOR FOR SEARCH/STOP
STATION FUNCTION
STAND-BY MODE FOR LOW POWER CON-
SUMPTION
HIGH
CURRENT
SOURCE
FOR
0.5ms
LOCK-IN TIME
DIGITAL PORT EXTENSION WITH TWO
OUTPUTS FOR FLEXIBILITY IN APPLICA-
TION
FULLY PROGRAMMABLE BY I
2C BUS
DESCRIPTION
The TDA7427 is a PLL frequency synthesizer
with an additional IF counting system that per-
forms all the functions needed in a complete PLL
radio tuning system for conventional and high
speed RDS tuners. The device has dedicated out-
puts for IN-LOCK detection and Search/Stop sta-
tion.
November 1999
®
SWITCH
AM/FM
PRECOUNTER
:32/33
5 BIT PROG.
CNT
11-21 BIT PROG CNT
SWITCH
SWM/DIR
11 BIT PROG
CNT
INLOCK
DETECTOR
PHASE
COMP
REF
OSCILLATOR
CHARGE
PUMP
-
+
SWITCH
LP1/LP2
14 BIT PROG
CNT
TIMER
CONTROL
I2C BUS
INTERFACE
TEST
LOGIC
PORT EXTENSION
FM_IN
AM_IN
OSCIN
SCL
SDA
IF_AM
IF_FM
VDD2
GNDan/GNDdig
VREF
LPOUT
VDD1
LP_FM
LP_AM
D95AU418B
SWITCH
SWM/DIR
16 BIT PROG
CNT
POWER ON
RESET
DOUT3
VDD1
OSCOUT
SSTOP
LP_HC
DOUT1/INLOCK
16
17
5
6
8
9
19
15
10
11
7
12
18
4
20
1
3
2
13
HFREF
14
BLOCK DIAGRAM
ORDERING NUMBERS: TDA7427(DIP20)
TDA7427D (SO20)
DIP20
SO20
1/21


Similar Part No. - TDA7427

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD STMICROELECTRONICS-TDA7427AAD Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD1 STMICROELECTRONICS-TDA7427AAD1 Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
More results

Similar Description - TDA7427

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
RF/IF circuit for AM/FM radio
September 1987
logo
STMicroelectronics
TDA7326 STMICROELECTRONICS-TDA7326 Datasheet
184Kb / 16P
AM-FM RADIO FREQUENCY SYNTHESIZER
Jul-1994
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
AM radio / FM IF stereo system IC
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
AM/FM PLL Frequency Synthesizer
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
AM/FM PLL Frequency Synthesizer?
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com