Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7427 Datasheet HTML 1Page - STMicroelectronics TDA7427 Datasheet HTML 2Page - STMicroelectronics TDA7427 Datasheet HTML 3Page - STMicroelectronics TDA7427 Datasheet HTML 4Page - STMicroelectronics TDA7427 Datasheet HTML 5Page - STMicroelectronics TDA7427 Datasheet HTML 6Page - STMicroelectronics TDA7427 Datasheet HTML 7Page - STMicroelectronics TDA7427 Datasheet HTML 8Page - STMicroelectronics TDA7427 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PIN DESCRIPTION (TDA7427/D)
PIN
SYMBOL
DESCRIPTION
INPUT/OUT PUT
1
LP_FM
Filter OPAMP input, charge pump output (FM mode)
2
LP_HC
Filter OPAMP input, charge pump output (high current
mode)
3
LP_AM
Filter OPAMP input, charge pump output (AM mode)
4
VREF
OPAMP reference voltage
5
OSCIN
Oscillator reference clock input
6
OSCOUT Oscillator output
7
DOUT3
Open collector output
8
SCL
I
2C bus clock input
Input
9
SDA
I
2C bus data I/O
Input/output
10
IF_AM
IF counter input (AM mode)
Analog input
11
IF_FM
IF counter input (FM mode)
Analog input
12
SSTOP
IF counter result output
Output
13*
DOUT1
Digital output
Push-pull output
13*
INLOCK
Inlock detector output
Output
14
HFREF
HF reference
15
VDD1
Positive power supply 5V
Supply
16
FM_IN
High frequency input FM
Analog input
17
AM_IN
High frequency input AM
Analog input
18
GND
Analog digital ground
Supply
19
VDD2
Positive power supply 10V
Supply
20
LPOUT
Filter input, change pump output
* Pin function is userdefined by software
TDA7427
3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com