Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1520 Datasheet (PDF) - Anachip Corp

AP1520 Datasheet PDF - Anachip Corp
Part # AP1520
Download  AP1520 Download
File Size   197.64 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description PWM Control 2A Step-Down Converter

AP1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1520 Datasheet PDF - Anachip Corp

Part # AP1520
Download  AP1520 Click to download

File Size   197.64 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description PWM Control 2A Step-Down Converter

AP1520 Datasheet (HTML) - Anachip Corp


AP1520 Product details

General Description
AP1520 consists of step-down switching regulator with PWM control. These devices include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.
AP1520 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to vary the duty ratio linearly from 0 up to 100%. This converter also contains an error amplifier circuit as well as a soft-start circuit that prevents overshoot at startup. An enable function, an over current protect function and a short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced from 300KHz to 30KHz. Also, an internal compensation block is built in to minimum external component count.

Features
- Input voltage: 3.6V to 23V.
- Output voltage: 0.8V to VCC.
- Duty ratio: 0% to 100% PWM control
- Oscillation frequency: 300KHz typ.
- Soft-start, Current Limit, Enable function
- Thermal Shutdown function
- Built-in internal SW P-channel MOS
- SOP-8L Pb-Free Package.

Applications
- PC Motherboard
- LCD Monitor
- Graphic Card
- DVD-Video Player
- Telecom Equipment
- ADSL Modem
- Printer and other Peripheral Equipment
- Microprocessor core supply
- Networking power supply




Similar Part No. - AP1520

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1520 DIODES-AP1520 Datasheet
519Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 6
AP1520S DIODES-AP1520S Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1520SG-13 DIODES-AP1520SG-13 Datasheet
249Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
AP1520SG-13 DIODES-AP1520SG-13 Datasheet
519Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 6
More results


Similar Description - AP1520

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com