Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3130 Datasheet (PDF) - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3130 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD
Part # FSP3130
Download  FSP3130 Download
File Size   228.49 Kbytes
Page   7 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 2A STEP-DOWN CONVERTER

FSP3130 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP3130 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3130
Download  FSP3130 Click to download

File Size   228.49 Kbytes
Page   7 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 2A STEP-DOWN CONVERTER

FSP3130 Datasheet (HTML) - FOSLINK SEMICONDUCTOR CO.,LTD




Similar Part No. - FSP3130

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3131 FOSLINK-FSP3131 Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SAG FOSLINK-FSP3131SAG Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SG FOSLINK-FSP3131SG Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
FSP3132SAG FOSLINK-FSP3132SAG Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
More results


Similar Description - FSP3130

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results




About FOSLINK SEMICONDUCTOR CO.,LTD


FOSLINK Semiconductor Co., Ltd is a Chinese semiconductor company that specializes in the design, development, and production of power management ICs, audio amplifiers, and other analog and mixed-signal ICs. The company was founded in 2002 and is headquartered in Shenzhen, China.

FOSLINK's products are used in a wide range of applications, including mobile devices, consumer electronics, automotive, and industrial systems. The company's power management ICs are designed to improve energy efficiency and extend battery life in mobile devices and other portable electronics. Its audio amplifiers are used in a variety of audio applications, such as headphones, speakers, and home theater systems.

FOSLINK is committed to providing high-quality products and services to its customers. The company has a strong focus on research and development, with a team of experienced engineers working to develop new products and technologies. FOSLINK also has a strong commitment to customer service, providing technical support and assistance to customers around the world.

Overall, FOSLINK Semiconductor Co., Ltd is a well-respected semiconductor company that has established a reputation for its high-quality products and commitment to customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com