Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3131 Datasheet (PDF) - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3131 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD
Part # FSP3131
Download  FSP3131 Download
File Size   222.62 Kbytes
Page   7 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 3A STEP-DOWN CONVERTER

FSP3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP3131 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3131
Download  FSP3131 Click to download

File Size   222.62 Kbytes
Page   7 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 3A STEP-DOWN CONVERTER

FSP3131 Datasheet (HTML) - FOSLINK SEMICONDUCTOR CO.,LTD




Similar Part No. - FSP3131

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SAG FOSLINK-FSP3130SAG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SG FOSLINK-FSP3130SG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
FSP3132SAG FOSLINK-FSP3132SAG Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
More results


Similar Description - FSP3131

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results




About FOSLINK SEMICONDUCTOR CO.,LTD


FOSLINK Semiconductor Co., Ltd is a Chinese semiconductor company that specializes in the design, development, and production of power management ICs, audio amplifiers, and other analog and mixed-signal ICs. The company was founded in 2002 and is headquartered in Shenzhen, China.

FOSLINK's products are used in a wide range of applications, including mobile devices, consumer electronics, automotive, and industrial systems. The company's power management ICs are designed to improve energy efficiency and extend battery life in mobile devices and other portable electronics. Its audio amplifiers are used in a variety of audio applications, such as headphones, speakers, and home theater systems.

FOSLINK is committed to providing high-quality products and services to its customers. The company has a strong focus on research and development, with a team of experienced engineers working to develop new products and technologies. FOSLINK also has a strong commitment to customer service, providing technical support and assistance to customers around the world.

Overall, FOSLINK Semiconductor Co., Ltd is a well-respected semiconductor company that has established a reputation for its high-quality products and commitment to customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com