Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3132 Datasheet (PDF) - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3132 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD
Part # FSP3132
Download  FSP3132 Download
File Size   198.24 Kbytes
Page   6 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 5A STEP-DOWN CONVERTER

FSP3132 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP3132 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3132
Download  FSP3132 Click to download

File Size   198.24 Kbytes
Page   6 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description PWM CONTROL 5A STEP-DOWN CONVERTER

FSP3132 Datasheet (HTML) - FOSLINK SEMICONDUCTOR CO.,LTD




Similar Part No. - FSP3132

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SAG FOSLINK-FSP3130SAG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SG FOSLINK-FSP3130SG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3131 FOSLINK-FSP3131 Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SAG FOSLINK-FSP3131SAG Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Similar Description - FSP3132

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1511 DIODES-AP1511 Datasheet
499Kb / 7P
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results




About FOSLINK SEMICONDUCTOR CO.,LTD


FOSLINK Semiconductor Co., Ltd is a Chinese semiconductor company that specializes in the design, development, and production of power management ICs, audio amplifiers, and other analog and mixed-signal ICs. The company was founded in 2002 and is headquartered in Shenzhen, China.

FOSLINK's products are used in a wide range of applications, including mobile devices, consumer electronics, automotive, and industrial systems. The company's power management ICs are designed to improve energy efficiency and extend battery life in mobile devices and other portable electronics. Its audio amplifiers are used in a variety of audio applications, such as headphones, speakers, and home theater systems.

FOSLINK is committed to providing high-quality products and services to its customers. The company has a strong focus on research and development, with a team of experienced engineers working to develop new products and technologies. FOSLINK also has a strong commitment to customer service, providing technical support and assistance to customers around the world.

Overall, FOSLINK Semiconductor Co., Ltd is a well-respected semiconductor company that has established a reputation for its high-quality products and commitment to customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com