Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT16211 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT16211 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT16211
Download  CBT16211 Download
File Size   195.64 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus switch with 12-bit output enables

CBT16211 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT16211 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT16211
Download  CBT16211 Click to download

File Size   195.64 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus switch with 12-bit output enables

CBT16211 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT16211 Product details

FEATURES
• 5 W switch connection between two ports
• TTL compatible control input levels
• Package options include plastic shrink small outline (SSOP),
thin shrink small outline (TSSOP)
• ESD protection exceeds 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA

DESCRIPTION
The CBT16211 provides 24 bits of high-speed TTL-compatible bus
switching. The low on-state resistance of the switch allows
connections to be made with minimal propagation delay.
The device is organized as a dual 12-bit bus switch with separate
output-enable (OE) inputs. It can be used as two 12-bit bus switches
or as one 24-bit bus switch. When OE is low, the associated 12-bit
bus switch is on, and port A is connected to port B. When OE is
high, the switch is open, and a high-impedance state exists between
the ports.
The CBT16211 is characterized for operation from –40 to 85 °C.




Similar Part No. - CBT16211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211 Datasheet
76Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
logo
Texas Instruments
CBT16211A TI-CBT16211A Datasheet
482Kb / 14P
24-BIT FET BUS SWITCH
CBT16211C TI-CBT16211C Datasheet
246Kb / 14P
24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
logo
NXP Semiconductors
CBT16211DGG PHILIPS-CBT16211DGG Datasheet
76Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
CBT16211DL PHILIPS-CBT16211DL Datasheet
76Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
More results


Similar Description - CBT16211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBTD16211 PHILIPS-CBTD16211_15 Datasheet
88Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com