Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT16212 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT16212 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT16212
Download  CBT16212 Download
File Size   203.84 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus exchange switch with 12-bit output enables

CBT16212 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT16212 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT16212
Download  CBT16212 Click to download

File Size   203.84 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus exchange switch with 12-bit output enables

CBT16212 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT16212 Product details

1. General description
The CBT16212 provides 24 bits of high-speed TTL-compatible bus switching or
exchanging. The low ON resistance of the switch allows connections to be made with
minimal propagation delay.
The CBT16212 operates either as a 24-bit bus switch or as a 12-bit bus exchanger,
providing data exchange between four signal ports using the port select inputs (S0, S1
and S2).
The CBT16212 is characterized for operation from –40 °C to +85 °C.
2. Features
n 5 W switch connection between two ports
n TTL compatible input levels
n ESD protection:
u HBM JESD22-A114E Class 1C exceeds 1500 V
u CDM JESD22-C101C exceeds 1000 V
n Latch-up performance:
u JESD78 exceeds 100 mA




Similar Part No. - CBT16212

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Texas Instruments
CBT16212A TI-CBT16212A Datasheet
405Kb / 14P
24-BIT FET BUS-EXCHANGE SWITCHES
logo
Integrated Circuit Syst...
CBT16212DGG ICST-CBT16212DGG Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16212DGG NXP-CBT16212DGG Datasheet
81Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
More results


Similar Description - CBT16212

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBTD16211 PHILIPS-CBTD16211_15 Datasheet
88Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com