Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTD3384PW Datasheet (PDF) - Nexperia B.V. All rights reserved

CBTD3384PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBTD3384PW
Download  CBTD3384PW Download
File Size   229.51 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit level shifting bus switch with 5-bit output enables

CBTD3384PW Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTD3384PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBTD3384PW
Download  CBTD3384PW Click to download

File Size   229.51 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit level shifting bus switch with 5-bit output enables

CBTD3384PW Datasheet (HTML) - Nexperia B.V. All rights reserved


CBTD3384PW Product details

1. General description
The CBTD3384 provides ten bits of high-speed TTL-compatible bus switching. The low ON
resistance of the switch allows connections to be made with minimal propagation delay.
The CBTD3384 device is organized as two 5-bit bus switches with two separate output enable
(1OE, 2OE) inputs. When nOE is LOW, the switch is on and port A is connected to the B port.
When nOE is HIGH, each switch is disabled.
2. Features and benefits
• Designed to be used in 5 V to 3.3 V level shifting applications with internal diode
• 5 Ω switch connection between two ports
• TTL-compatible control input levels
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3384PW PHILIPS-CBTD3384PW Datasheet
109Kb / 12P
10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
More results


Similar Description - CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with 5-bit output enables
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com