Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1696A Datasheet (PDF) - Belden Inc.

1696A Datasheet PDF - Belden Inc.
Part # 1696A
Download  1696A Download
File Size   198.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Digital Audio Cable, 1 Pr #22, Str TC, Foil Braid, PVC Jkt

1696A Datasheet (PDF)

Go To PDF Page Download Datasheet
1696A Datasheet PDF - Belden Inc.

Part # 1696A
Download  1696A Click to download

File Size   198.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Digital Audio Cable, 1 Pr #22, Str TC, Foil Braid, PVC Jkt

1696A Datasheet (HTML) - Belden Inc.


1696A Product details

Product Description
Digital Audio Cable, 1 Pair 22 AWG (7 x 30) Tinned Copper, Datalene® Insulation, Overall Beldfoil® Shield, 90% Tinned Copper Braid Shield, PVC jacket




Similar Part No. - 1696A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Heyco.
1696 HEYCO-1696 Datasheet
112Kb / 1P
Shorty Plugs
logo
Multicomp Pro
1696 MULTICOMP-1696 Datasheet
216Kb / 1P
Layflat PVC Tubing
28/04/20 V1.0
logo
PHOENIX CONTACT
1696015 PHOENIX-1696015 Datasheet
487Kb / 10P
SAC-4P-M12MS/ 0,3-PUR/M12FS D - Sensor/actuator cable
1696028 PHOENIX-1696028 Datasheet
490Kb / 11P
SAC-4P-M12MS/ 0,6-PUR/M12FS D - Sensor/actuator cable
More results


Similar Description - 1696A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9685 BELDEN-9685 Datasheet
161Kb / 2P
Electronic, 1 Pr #22 Str TC, PVC Ins, IS one pr, PVC Jkt, CM
05-05-2023
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
9451D BELDEN-9451D Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1883A BELDEN-1883A Datasheet
172Kb / 3P
Line Level Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
1800B BELDEN-1800B Datasheet
150Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR
03-04-2023
1801B BELDEN-1801B Datasheet
147Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
8441 BELDEN-8441 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com