Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1854F Datasheet (PDF) - Belden Inc.

1854F Datasheet PDF - Belden Inc.
Part # 1854F
Download  1854F Download
File Size   148.83 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Digital Multi-Pair Snake, 24 AWG, 32 Pair, PVC Jkt, CMG

1854F Datasheet (PDF)

Go To PDF Page Download Datasheet
1854F Datasheet PDF - Belden Inc.

Part # 1854F
Download  1854F Click to download

File Size   148.83 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Digital Multi-Pair Snake, 24 AWG, 32 Pair, PVC Jkt, CMG

1854F Datasheet (HTML) - Belden Inc.


1854F Product details

Product Description
Audio Snake Cable, 32 Pair 24 AWG stranded (7x32) tinned copper, Datalene® foam high density polyethylene insulation, individually shielded with bonded
Beldfoil®, drain wire and have numbered and color-coded PVC jackets, overall Beldfoil® shield and drain wire, CMG rated overall PVC jacket with nylon rip
cord.




Similar Part No. - 1854F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1854 MOLEX1-1854 Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Selective Gold (Au) Plated Brass Contact, 24-30 AWG, Reel
1854 MOLEX1-1854 Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Selective Gold (Au) Plated Brass Contact, Tin (Sn) Plated Crimp Area, 24-30 AWG, Reel
1854 MOLEX1-1854 Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
logo
Alpha Wire
1854 ALPHAWIRE-1854 Datasheet
69Kb / 3P
Customer Specification
1854 ALPHAWIRE-1854 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
More results


Similar Description - 1854F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
MRTA10P24U BELDEN-MRTA10P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 10 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA1P24U BELDEN-MRTA1P24U Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA12P24U BELDEN-MRTA12P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 12 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA20P24U BELDEN-MRTA20P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA2P24U BELDEN-MRTA2P24U Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 2 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA7P24U BELDEN-MRTA7P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 7 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA8P24U BELDEN-MRTA8P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 8 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA25P24U BELDEN-MRTA25P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 25 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
1802F BELDEN-1802F Datasheet
154Kb / 3P
Audio Snake, 2 PR 24 AWG TC, CMG
12-20-2022
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com