Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4852 Datasheet (PDF) - Maxim Integrated Products

MAX4852 Datasheet PDF - Maxim Integrated Products
Part # MAX4852
Download  MAX4852 Download
File Size   636.77 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual SPDT Analog Switches with Over-Rail Signal Handling

MAX4852 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4852 Datasheet PDF - Maxim Integrated Products

Part # MAX4852
Download  MAX4852 Click to download

File Size   636.77 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual SPDT Analog Switches with Over-Rail Signal Handling

MAX4852 Datasheet (HTML) - Maxim Integrated Products


MAX4852 Product details

General Description
The MAX4850/MAX4850H/MAX4852/MAX4852H family of dual SPDT (single-pole/double-throw) switches oper ate from a single +2V to +5.5V supply and can handle signals greater than the supply rail. These switches feature low 3.5Ω or 3.5Ω/7Ω on-resistance with low on capacitance, making them ideal for switching audio and data signals. The MAX4850/MAX4850H are configured with two SPDT switches and feature two comparators for head phone detection or mute/send key functions. The MAX4852 has two SPDT switches with no comparators for low 1µA supply current.

Features
♦ USB 2.0 Full Speed (12MB) and USB 1.1 Signal Switching Compliant
♦ Switch Signals Greater than VCC
♦ 0.1ns Differential Skew
♦ 3.5Ω/7Ω On-Resistance
♦ 135MHz -3dB Bandwidth
♦ +2V to +5.5V Supply Range
♦ 1.8V Logic Compatible
♦ Low Supply Current
   1µA (MAX4852)
   5µA (MAX4850)
   10µA (MAX4850H/MAX4852H)
♦ Available in a Space-Saving (3mm x 3mm), 16-Pin TQFN Package

Applications
USB Switching
Audio-Signal Routing
Cellular Phones
Notebook Computers
PDAs and Other Handheld Devices




Similar Part No. - MAX4852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Similar Description - MAX4852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4851 MAXIM-MAX4851 Datasheet
498Kb / 14P
3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
logo
Vishay Siliconix
DG2520 VISHAY-DG2520 Datasheet
147Kb / 8P
Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
07-Aug-06
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
300 MHz, 2.5ohm, Dual SPDT Analog Switches
13-Jun-11
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com