Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ1-00R102-0000 Datasheet (PDF) - ams AG

LZ1-00R102-0000 Datasheet PDF - ams AG
Part # LZ1-00R102-0000
Download  LZ1-00R102-0000 Download
File Size   1683.54 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Industry’s most robust high power ceramic package with glass lens for high performance over life.

LZ1-00R102-0000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ1-00R102-0000 Datasheet PDF - ams AG

Part # LZ1-00R102-0000
Download  LZ1-00R102-0000 Click to download

File Size   1683.54 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Industry’s most robust high power ceramic package with glass lens for high performance over life.

LZ1-00R102-0000 Datasheet (HTML) - ams AG


LZ1-00R102-0000 Product details

Features
- Package: Ceramic package with integrated glass lens
- Chip technology: Thinfilm
- Typ. Radiation: 90°
- Color: λdom = 623 nm (● red)





Similar Part No. - LZ1-00R102-0000

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ1-00B202 AMSCO-LZ1-00B202 Datasheet
1Mb / 22P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ1-00B202-0000 AMSCO-LZ1-00B202-0000 Datasheet
1Mb / 22P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ1-00DB00 AMSCO-LZ1-00DB00 Datasheet
872Kb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
LZ1-00DB00-0100 AMSCO-LZ1-00DB00-0100 Datasheet
872Kb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
High Efficacy VIOLET LED Emitter
More results


Similar Description - LZ1-00R102-0000

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
Long life and robust package
logo
ams AG
LZ1-00B202 AMSCO-LZ1-00B202 Datasheet
1Mb / 22P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ4-00A108 AMSCO-LZ4-00A108 Datasheet
1Mb / 22P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.7 2022-06-09
LZ4-00UB0R AMSCO-LZ4-00UB0R Datasheet
1Mb / 19P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.2 2023-06-28
LZ4-00W408 AMSCO-LZ4-00W408 Datasheet
2Mb / 28P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2022-05-20
LZP-00MD00 AMSCO-LZP-00MD00 Datasheet
2Mb / 26P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.11 2023-07-14
LZ1-00DB00 AMSCO-LZ1-00DB00 Datasheet
872Kb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
LZ1-00UBN0 AMSCO-LZ1-00UBN0 Datasheet
1Mb / 23P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ4-00MC08 AMSCO-LZ4-00MC08 Datasheet
2Mb / 27P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.3 2023-07-12
LZ4-00R108 AMSCO-LZ4-00R108 Datasheet
1Mb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.9 2021-07-07
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com