Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07AD Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC07AD Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC07AD
Download  74LVC07AD Download
File Size   234.36 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer with open-drain outputs

74LVC07AD Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC07AD Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC07AD
Download  74LVC07AD Click to download

File Size   234.36 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer with open-drain outputs

74LVC07AD Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC07AD Product details

1. General description
The 74LVC07A is a hex buffer with open-drain outputs. Inputs can be driven from either 3.3 V or
5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• 5 V tolerant inputs and outputs (open-drain) for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Overvoltage tolerant inputs to 5.5 V
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC07AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07AD PHILIPS-74LVC07AD Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
74LVC07AD NXP-74LVC07AD Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
74LVC07AD,118 NXP-74LVC07AD,118 Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
Nexperia B.V. All right...
74LVC07AD-Q100 NEXPERIA-74LVC07AD-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
logo
ON Semiconductor
74LVC07ADR2G ONSEMI-74LVC07ADR2G Datasheet
105Kb / 7P
Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
More results


Similar Description - 74LVC07AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
Texas Instruments
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
Nexperia B.V. All right...
74AHCT07A NEXPERIA-74AHCT07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
74AHCV07A NEXPERIA-74AHCV07A Datasheet
762Kb / 14P
Hex buffer with open-drain outputs
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
74LV07A NEXPERIA-74LV07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com