Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07AD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC07AD
Description  Hex buffer with open-drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC07AD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC07AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC07AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74LVC07A
Hex buffer with open-drain outputs
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 7.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
nA to nY; see Fig. 6
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
1.7
5.5
0.5
6.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.2
2.8
0.5
3.5
ns
VCC = 2.7 V
0.5
1.8
3.3
0.5
4.5
ns
VCC = 3.0 V to 3.6 V
0.5
1.2
3.6
0.5
4.5
ns
tPZL
OFF-state to LOW
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.6
2.6
0.5
3.5
ns
nA to nY; see Fig. 6
VCC = 1.2 V
-
10
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
3.0
5.5
0.5
6.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.7
2.8
0.5
3.5
ns
VCC = 2.7 V
0.5
2.1
3.3
0.5
4.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
3.6
0.5
4.5
ns
tPLZ
LOW to OFF-state
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.6
2.6
0.5
3.5
ns
per buffer; VI = GND to VCC
[2]
VCC = 1.65 V to 1.95 V
-
6.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
6.9
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
7.2
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL x VCC 2 x fo) = sum of the outputs
10.1. Waveforms and test circuit
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VM
VOL
GND
tPZL
VM
Measurements points are given in Table 8.
Logic level: VOL is a typical output voltage level that occurs with the output load.
Fig. 6. The input (nA) to output (nY) propagation delays
74LVC07A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 7 — 3 August 2020
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com