Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16241ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC16241ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC16241ADGG
Download  74LVC16241ADGG Download
File Size   216.78 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state

74LVC16241ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC16241ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC16241ADGG
Download  74LVC16241ADGG Click to download

File Size   216.78 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state

74LVC16241ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC16241ADGG Product details

1. General description
The 74LVC16241A is a 16-bit non-inverting buffer/line driver with 3-state outputs. The 3-state
outputs are controlled by the output enable inputs (1OE, 2OE, 3OE and 4OE). Schmitt trigger
action at all inputs makes the circuit highly tolerant of slower input rise and fall times. The device
can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be applied to
the outputs. These features allow the use of these devices in mixed 3.3 V and 5 V applications.
2. Features and benefits
• 5 V tolerant inputs and outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• High-impedance outputs when VCC = 0 V
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74LVC16241ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16241ADGG PHILIPS-74LVC16241ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver 3-State
1997 Jul 29
More results


Similar Description - 74LVC16241ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com