Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HATXFL Datasheet (PDF) - Greystone Energy Systems Inc.

HATXFL Datasheet PDF - Greystone Energy Systems Inc.
Part # HATXFL
Download  HATXFL Download
File Size   331.44 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER

HATXFL Datasheet (PDF)

Go To PDF Page Download Datasheet
HATXFL Datasheet PDF - Greystone Energy Systems Inc.

Part # HATXFL
Download  HATXFL Click to download

File Size   331.44 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER

HATXFL Datasheet (HTML) - Greystone Energy Systems Inc.


HATXFL Product details

PRODUCT DESCRIPTION
The high accuracy single point flying lead
temperature transmitter utilizes a precision sensor
encapsulated in 6.00 mm (0.236”) OD X 50 mm
2”), 304 series stainless steel probe. Standard wire
length is 3.05 m (10’). All probes are constructed
to provide excellent heat transfer, fast response,
and are potted to resist moisture penetration. A
transmitter that provides a high precision signal
with excellent long term stability, low hysteresis
and fast response is provided.




Similar Part No. - HATXFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HATXAP GREYSTONE-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
HATXDC GREYSTONE-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDF GREYSTONE-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDR GREYSTONE-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXGL GREYSTONE-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
More results


Similar Description - HATXFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDFL GREYSTONE-PS-HATDFL Datasheet
280Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
PS-HATSFL GREYSTONE-PS-HATSFL Datasheet
167Kb / 1P
HIGH ACCURACY FLYING LEAD TEMPERATURE SENSOR
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HATXAP GREYSTONE-PS-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com