Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDFL Datasheet (PDF) - Greystone Energy Systems Inc.

TDFL Datasheet PDF - Greystone Energy Systems Inc.
Part # TDFL
Download  TDFL Download
File Size   214.96 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD

TDFL Datasheet (PDF)

Go To PDF Page Download Datasheet
TDFL Datasheet PDF - Greystone Energy Systems Inc.

Part # TDFL
Download  TDFL Click to download

File Size   214.96 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD

TDFL Datasheet (HTML) - Greystone Energy Systems Inc.


TDFL Product details

PRODUCT DESCRIPTION
The single point flying lead temperature
transmitter incorporates a precision platinum RTD
encapsulated in a 50.8 x 6 mm (2” x 0.236”) OD, 304
stainless steel probe. The probe provides excellent
heat transfer, fast response and resist moisture
penetration. A transmitter that provides a high
accuracy signal with excellent long term stability,
low hysteresis and fast response for measurement
of pipe temperatures. A hinged and gasketed
Polycarbonate enclosure is provided for ease of
installation. An LCD is provided in either °C or °F.




Similar Part No. - TDFL

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDF ATC-TDF Datasheet
251Kb / 1P
Repeat Cycle-OFF Time First Relay Output
TDF-120-AFA ATC-TDF-120-AFA Datasheet
251Kb / 1P
Repeat Cycle-OFF Time First Relay Output
TDF-120-AFB ATC-TDF-120-AFB Datasheet
251Kb / 1P
Repeat Cycle-OFF Time First Relay Output
TDF-120-AKA ATC-TDF-120-AKA Datasheet
251Kb / 1P
Repeat Cycle-OFF Time First Relay Output
TDF-120-AKB ATC-TDF-120-AKB Datasheet
251Kb / 1P
Repeat Cycle-OFF Time First Relay Output
More results


Similar Description - TDFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDFL GREYSTONE-PS-HATDFL Datasheet
280Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TDAP GREYSTONE-TDAP Datasheet
236Kb / 2P
ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
01/20
TDGL GREYSTONE-TDGL Datasheet
216Kb / 2P
GLASS TEMPERATURE TRANSMITTER WITH LCD
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
TXRCL GREYSTONE-TXRCL Datasheet
252Kb / 2P
ROOM TEMPERATURE TRANSMITTER WITH LCD
01/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com