Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNFL Datasheet (PDF) - Greystone Energy Systems Inc.

TNFL Datasheet PDF - Greystone Energy Systems Inc.
Part # TNFL
Download  TNFL Download
File Size   292.28 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD NETWORK TEMPERATURE SENSOR

TNFL Datasheet (PDF)

Go To PDF Page Download Datasheet
TNFL Datasheet PDF - Greystone Energy Systems Inc.

Part # TNFL
Download  TNFL Click to download

File Size   292.28 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD NETWORK TEMPERATURE SENSOR

TNFL Datasheet (HTML) - Greystone Energy Systems Inc.


TNFL Product details

PRODUCT DESCRIPTION
The single point flying lead network temperature
sensor incorporates a precision sensor
encapsulated in a 6 mm (0.236”) OD X 50 mm (2”),
304 series stainless steel probe. Standard wire
length is 1.83 m (6’). All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. The
transmitter provides a BACnet® or Modbus signal
for network connection. A compact ABS enclosure
with a hinged and gasketed cover is provided for
ease of installation.




Similar Part No. - TNFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
logo
HolyStone International
TNFLA0E107MTRF HOLYSTONECAPS-TNFLA0E107MTRF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA0E107MTRXF HOLYSTONECAPS-TNFLA0E107MTRXF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA0G686MTRF HOLYSTONECAPS-TNFLA0G686MTRF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA1A336MTRXF HOLYSTONECAPS-TNFLA1A336MTRXF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
More results


Similar Description - TNFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSFL GREYSTONE-PS-HATSFL Datasheet
167Kb / 1P
HIGH ACCURACY FLYING LEAD TEMPERATURE SENSOR
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TNGL GREYSTONE-PS-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TNGL GREYSTONE-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com