Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDGL Datasheet (PDF) - Greystone Energy Systems Inc.

TDGL Datasheet PDF - Greystone Energy Systems Inc.
Part # TDGL
Download  TDGL Download
File Size   216.34 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS TEMPERATURE TRANSMITTER WITH LCD

TDGL Datasheet (PDF)

Go To PDF Page Download Datasheet
TDGL Datasheet PDF - Greystone Energy Systems Inc.

Part # TDGL
Download  TDGL Click to download

File Size   216.34 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS TEMPERATURE TRANSMITTER WITH LCD

TDGL Datasheet (HTML) - Greystone Energy Systems Inc.


TDGL Product details

PRODUCT DESCRIPTION
The single point glass temperature sensor utilizes
a precision sensor encapsulated in a 31.75mm L
x 9.525mm W x 9.525 mm H (1.25” x .375” x .375”)
Aluminum probe. Standard wire length is 1.5 m
(5’). The probe is constructed to provide excellent
heat transfer, fast response and is potted to resist
moisture penetration. The transmitter provides
a high accuracy signal with excellent long term
stability, low hysteresis and fast response and is
available with various ranges. A hinged and gasketed
Polycarbonate enclosure is included for ease of
installation. An LCD is provided in either °C or °F.




Similar Part No. - TDGL

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDG ATC-TDG Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFA ATC-TDG-120-AFA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFB ATC-TDG-120-AFB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKA ATC-TDG-120-AKA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKB ATC-TDG-120-AKB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
More results


Similar Description - TDGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATXRCL GREYSTONE-PS-HATXRCL Datasheet
188Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE TRANSMITTER WITH LCD
TDAP GREYSTONE-TDAP Datasheet
236Kb / 2P
ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
01/20
TDDF GREYSTONE-TDDF Datasheet
204Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TDHR GREYSTONE-TDHR Datasheet
218Kb / 2P
HEAVY DUTY ROOM TEMPERATURE TRANSMITTER WITH LCD
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TXGL GREYSTONE-TXGL Datasheet
283Kb / 2P
GLASS TEMPERATURE TRANSMITTER
06/20
TXRCL GREYSTONE-TXRCL Datasheet
252Kb / 2P
ROOM TEMPERATURE TRANSMITTER WITH LCD
01/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com