Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXGL Datasheet (PDF) - Greystone Energy Systems Inc.

TXGL Datasheet PDF - Greystone Energy Systems Inc.
Part # TXGL
Download  TXGL Download
File Size   283.21 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS TEMPERATURE TRANSMITTER

TXGL Datasheet (PDF)

Go To PDF Page Download Datasheet
TXGL Datasheet PDF - Greystone Energy Systems Inc.

Part # TXGL
Download  TXGL Click to download

File Size   283.21 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS TEMPERATURE TRANSMITTER

TXGL Datasheet (HTML) - Greystone Energy Systems Inc.


TXGL Product details

PRODUCT DESCRIPTION
The single point glass temperature transmitter
utilizes a precision sensor encapsulated in a
31.75mm L x 9.525mm W x 9.525 mm H (1.25”
x .375” x .375”) Aluminum probe. Standard wire
length is 1.5 m (5’). All probes are constructed
to provide excellent heat transfer, fast response,
and are potted to resist moisture penetration. It is
available with a variety of enclosures. A transmitter
that provides a high accuracy signal with excellent
long term stability, low hysteresis and fast
response is available with various ranges.




Similar Part No. - TXGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG1010 TI2-TXG1010 Datasheet
1Mb / 28P
TXG1010 1-bit, ±10V Ground-level Translator
REVISED SEPTEMBER 2026
TXG1010DSER TI2-TXG1010DSER Datasheet
1Mb / 28P
TXG1010 1-bit, ±10V Ground-level Translator
REVISED SEPTEMBER 2026
TXG1020 TI2-TXG1020 Datasheet
1Mb / 34P
TXG102x 2-bit, ±10V Ground-Level Translator
JUNE 2025
TXG1020 TI2-TXG1020 Datasheet
2Mb / 38P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
MAY 2025
TXG1020 TI2-TXG1020 Datasheet
1Mb / 40P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
More results


Similar Description - TXGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAMAB230DA3C ETC2-TAMAB230DA3C Datasheet
210Kb / 2P
TEMPERATURE TRANSMITTER
logo
Fuji Electric
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
OPTICAL TEMPERATURE TRANSMITTER
logo
FOTEK CONTROLS CO., LTD...
TR-2W-PT-100E FOTEK-TR-2W-PT-100E Datasheet
427Kb / 2P
Temperature transmitter
logo
Greystone Energy System...
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PS-TE500H GREYSTONE-PS-TE500H Datasheet
207Kb / 2P
STACK TEMPERATURE TRANSMITTER
10/19
TDGL GREYSTONE-TDGL Datasheet
216Kb / 2P
GLASS TEMPERATURE TRANSMITTER WITH LCD
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXRC GREYSTONE-TXRC Datasheet
181Kb / 2P
ROOM TEMPERATURE TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com