Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HATXSO Datasheet (PDF) - Greystone Energy Systems Inc.

HATXSO Datasheet PDF - Greystone Energy Systems Inc.
Part # HATXSO
Download  HATXSO Download
File Size   372.92 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER

HATXSO Datasheet (PDF)

Go To PDF Page Download Datasheet
HATXSO Datasheet PDF - Greystone Energy Systems Inc.

Part # HATXSO
Download  HATXSO Click to download

File Size   372.92 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER

HATXSO Datasheet (HTML) - Greystone Energy Systems Inc.


HATXSO Product details

PRODUCT DESCRIPTION
The high accuracy single point strap-on
temperature transmitter has a precision platinum
RTD bonded to a 38.1 mm x 12.7 mm (1.5” x 0.5”)
machined aluminum heat sink. A 25.4 cm (10”) S/S
Pipe clamp is provided to secure the assembly to
various sizes of pipes. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
transmitter that provides a high accuracy signal
with excellent long term stability, low hysteresis
and fast response is available with various ranges.




Similar Part No. - HATXSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HATXAP GREYSTONE-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
HATXDC GREYSTONE-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDF GREYSTONE-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDR GREYSTONE-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXFL GREYSTONE-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
More results


Similar Description - HATXSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDRP GREYSTONE-PS-HATDRP Datasheet
299Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATDSO GREYSTONE-PS-HATDSO Datasheet
312Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATSSO GREYSTONE-PS-HATSSO Datasheet
302Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-TNSO GREYSTONE-PS-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TNSO GREYSTONE-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com