Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7891A Datasheet (PDF) - Belden Inc.

7891A Datasheet PDF - Belden Inc.
Part # 7891A
Download  7891A Download
File Size   236.33 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #26-2pr, TC, Indiv. Shielded, CM

7891A Datasheet (PDF)

Go To PDF Page Download Datasheet
7891A Datasheet PDF - Belden Inc.

Part # 7891A
Download  7891A Click to download

File Size   236.33 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #26-2pr, TC, Indiv. Shielded, CM

7891A Datasheet (HTML) - Belden Inc.


7891A Product details

Product Description
Digital Audio Snake Cable, CM-Rated, 2-26 AWG tinned copper pairs, Datalene® insulation, individually shielded with Beldfoil® bonded to
numbered/color-coded PVC jackets so both strip simultaneously, PVC jacket




Similar Part No. - 7891A

ManufacturerPart #DatasheetDescription
logo
SNA Europe
7891 LINDSTROM-7891 Datasheet
50Kb / 1P
Electronic Pliers & Cutters
7891 LINDSTROM-7891 Datasheet
251Kb / 2P
Supreme Cutters and Pliers
logo
Wixroyd Group Ltd
78910 WIXROYD-78910 Datasheet
204Kb / 1P
Pull Handles - Oval Type
78910.W0510 WIXROYD-78910.W0510 Datasheet
204Kb / 1P
Pull Handles - Oval Type
78910.W0520 WIXROYD-78910.W0520 Datasheet
204Kb / 1P
Pull Handles - Oval Type
More results


Similar Description - 7891A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1510C BELDEN-1510C Datasheet
187Kb / 2P
Audio Snake Cable, #24-4pr, TC, Indiv. Shielded, CM
01-20-2023
1514C BELDEN-1514C Datasheet
180Kb / 3P
Audio Snake Cable, #24-16pr, TC, Indiv. Shielded, CM
12-19-2022
1518C BELDEN-1518C Datasheet
191Kb / 3P
Audio Snake Cable, #24-32pr, TC, Indiv. Shielded, CM
12-19-2022
1509C BELDEN-1509C Datasheet
185Kb / 2P
Audio Snake Cable, #24-2pr, TC, Indiv. Shielded, CM
01-20-2023
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
1515C BELDEN-1515C Datasheet
190Kb / 3P
Audio Snake Cable, #24-20pr, TC, Indiv. Shielded, CM
12-20-2022
7880A BELDEN-7880A Datasheet
218Kb / 3P
Audio Snake Cable, #26-8pr, TC, Indiv. Shielded, CM
12-19-2022
7892A BELDEN-7892A Datasheet
218Kb / 3P
Audio Snake Cable, #26-12pr, TC, Indiv. Shielded, CM
11-09-2022
7890A BELDEN-7890A Datasheet
217Kb / 3P
Audio Snake Cable, #26-4pr, TC, Indiv. Shielded, CM
12-20-2022
7893A BELDEN-7893A Datasheet
185Kb / 4P
Audio Snake Cable, #26-16pr, TC, Indiv. Shielded, CM
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com