Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7893A Datasheet (PDF) - Belden Inc.

7893A Datasheet PDF - Belden Inc.
Part # 7893A
Download  7893A Download
File Size   185.81 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #26-16pr, TC, Indiv. Shielded, CM

7893A Datasheet (PDF)

Go To PDF Page Download Datasheet
7893A Datasheet PDF - Belden Inc.

Part # 7893A
Download  7893A Click to download

File Size   185.81 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #26-16pr, TC, Indiv. Shielded, CM

7893A Datasheet (HTML) - Belden Inc.


7893A Product details

Product Description
Digital Audio Snake Cable, CM-Rated, 16-26 AWG tinned copper pairs, Datalene® insulation, individually shielded with Beldfoil® bonded to
numbered/color-coded PVC jackets so both strip simultaneously, PVC jacket




Similar Part No. - 7893A

ManufacturerPart #DatasheetDescription
logo
FCI connector
78931-XYY FCI-CONNECTOR-78931-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
logo
List of Unclassifed Man...
78931-XYY ETC2-78931-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
78931-XYY FCI-CONNECTOR-78931-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
78931-XYY FCI-CONNECTOR-78931-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER 100/200cc SR STRAIGHT
logo
Wurth Elektronik GmbH &...
78931610305 WURTH-78931610305 Datasheet
584Kb / 6P
WE-PSPA Push Pull Tranformer
001.000
More results


Similar Description - 7893A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1510C BELDEN-1510C Datasheet
187Kb / 2P
Audio Snake Cable, #24-4pr, TC, Indiv. Shielded, CM
01-20-2023
1514C BELDEN-1514C Datasheet
180Kb / 3P
Audio Snake Cable, #24-16pr, TC, Indiv. Shielded, CM
12-19-2022
1518C BELDEN-1518C Datasheet
191Kb / 3P
Audio Snake Cable, #24-32pr, TC, Indiv. Shielded, CM
12-19-2022
1509C BELDEN-1509C Datasheet
185Kb / 2P
Audio Snake Cable, #24-2pr, TC, Indiv. Shielded, CM
01-20-2023
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
1515C BELDEN-1515C Datasheet
190Kb / 3P
Audio Snake Cable, #24-20pr, TC, Indiv. Shielded, CM
12-20-2022
7880A BELDEN-7880A Datasheet
218Kb / 3P
Audio Snake Cable, #26-8pr, TC, Indiv. Shielded, CM
12-19-2022
7892A BELDEN-7892A Datasheet
218Kb / 3P
Audio Snake Cable, #26-12pr, TC, Indiv. Shielded, CM
11-09-2022
7890A BELDEN-7890A Datasheet
217Kb / 3P
Audio Snake Cable, #26-4pr, TC, Indiv. Shielded, CM
12-20-2022
7891A BELDEN-7891A Datasheet
236Kb / 3P
Audio Snake Cable, #26-2pr, TC, Indiv. Shielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com