Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLCFL1 Datasheet (PDF) - International Rectifier

IRPLCFL1 Datasheet PDF - International Rectifier
Part # IRPLCFL1
Download  IRPLCFL1 Download
File Size   119.62 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST

IRPLCFL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPLCFL1 Datasheet PDF - International Rectifier

Part # IRPLCFL1
Download  IRPLCFL1 Click to download

File Size   119.62 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST

IRPLCFL1 Datasheet (HTML) - International Rectifier




Similar Part No. - IRPLCFL1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
More results


Similar Description - IRPLCFL1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
ML4833 220V Non-Dimming Ballast Design
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com