Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4514D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4514D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4514D
Download  74HC4514D Download
File Size   276.68 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-to-16 line decoder/demultiplexer with input latches

74HC4514D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4514D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4514D
Download  74HC4514D Click to download

File Size   276.68 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-to-16 line decoder/demultiplexer with input latches

74HC4514D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4514D Product details

1. General description
The 74HC4514; 74HCT4514 is a 4-to-16 line decoder/demultiplexer having four binary weighted
address inputs (A0 to A3), with latches, a latch enable input (LE), an enable input (E) and
16 outputs (Q0 to Q15). When LE is HIGH, the selected output is determined by the data on An.
When LE goes LOW, the last data present at An are stored in the latches and the outputs remain
stable. When E is LOW, the selected output, determined by the contents of the latch, is HIGH.
At E HIGH, all outputs are LOW. The enable input E does not affect the state of the latch. When
the device is used as a demultiplexer, E is the data input and A0 to A3 are the address inputs.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
The 74HCT4514 features reduced input threshold levels to allow interfacing to TTL logic levels.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Input levels:
• For 74HC4514: CMOS level
• For 74HCT4514: TTL level
• 16-line demultiplexing capability
• Decodes 4 binary-coded inputs into 16 mutually-exclusive outputs
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Digital multiplexing
• Address decoding
• Hexadecimal/BCD decoding




Similar Part No. - 74HC4514D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4514D PHILIPS-74HC4514D Datasheet
76Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
More results


Similar Description - 74HC4514D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC4515 PHILIPS-74HC4515 Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Texas Instruments
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
logo
NXP Semiconductors
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515 NEXPERIA-74HC4515 Datasheet
212Kb / 14P
4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com