Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC9115 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC9115 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC9115
Download  74HC9115 Download
File Size   46.44 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs

74HC9115 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC9115 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC9115
Download  74HC9115 Click to download

File Size   46.44 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs

74HC9115 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC9115 Product details

FEATURES
· Schmitt trigger action on all data inputs
· Output capability: standard (open drain)
· ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT9115 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT9115 are nine wide Schmitt trigger buffer
with open drain outputs and Schmitt trigger inputs.
The Schmitt trigger action in the data inputs transform
slowly changing input signals into sharply defined
jitter-free output signals.
The 74HC/HCT9115 have open-drain N-transistor
outputs, which are not clamped by a diode connected to
VCC. In the OFF-state, i.e. when one input is HIGH, the
output may be pulled to any voltage between GND and
VOmax. This allows the device to be used as a
LOW-to-HIGH or HIGH-to-LOW level shifter. For digital
operation and OR-tied output applications, these devices
must have a pull-up resistor to establish a logic HIGH level.
The “9115” is identical to the “9114” but has non-inverting
outputs.




Similar Part No. - 74HC9115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74HC9115D NEXPERIA-74HC9115D Datasheet
176Kb / 12P
Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
More results


Similar Description - 74HC9115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer/line driver
December 1990
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
Hex Schmitt Buffer (open drain)
logo
NXP Semiconductors
74HC_HCT9115_CNV PHILIPS-74HC_HCT9115_CNV_15 Datasheet
47Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
logo
Nexperia B.V. All right...
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com