Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC9115D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC9115D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC9115D
Download  74HC9115D Download
File Size   176.42 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs

74HC9115D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC9115D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC9115D
Download  74HC9115D Click to download

File Size   176.42 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs

74HC9115D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC9115D Product details

1 General description
The 74HC9115 is a 9-bit buffer with Schmitt trigger inputs and open drain outputs. Inputs
include clamp diodes. This enables the use of current limiting resistors to interface inputs
to voltages in excess of VCC. Schmitt trigger inputs transform slowly changing input
signals into sharply defined jitter-free output signals.
2 Features and benefits
• Wide operating voltage 2.0 V to 6.0 V
• Schmitt trigger action on all data inputs
• CMOS low power dissipation
• High noise immunity
• Unlimited input rise and fall times
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
– JESD8C (2.7 V to 3.6 V)
– JESD7A (2.0 V to 6.0 V)
• ESD protection:
– HBM JESD22-A114-A exceeds 2000 V
– MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC9115D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
More results


Similar Description - 74HC9115D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer/line driver
December 1990
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
Hex Schmitt Buffer (open drain)
logo
NXP Semiconductors
74HC_HCT9115_CNV PHILIPS-74HC_HCT9115_CNV_15 Datasheet
47Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
logo
Nexperia B.V. All right...
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com