Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC9115D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC9115D
Description  Nine wide Schmitt trigger buffer; open drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC9115D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC9115D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74HC9115
Nine wide Schmitt trigger buffer; open drain outputs
74HC9115
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 10 April 2018
5 / 12
10 Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Figure 5.
Tamb = 25 °C
Tamb = -40 °C
to +85 °C
Tamb = -40 °C
to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
An to Yn; see Figure 4
[1]
VCC = 2.0 V
-
36
115
-
140
-
165 ns
VCC = 4.5 V
-
13
22
-
28
-
33
ns
VCC = 5.0 V; CL = 15 pF
-
12
-
-
-
-
-
ns
tpd
propagation delay
VCC = 6.0 V
-
10
19
-
24
-
28
ns
Yn; see Figure 4
VCC = 2.0 V
-
19
75
-
95
-
110 ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tTHL
HIGH to LOW
output transition
time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC [2]
-
5
-
-
-
-
-
pF
[1] tpd is the same as tPLZ and tPZL.
[2] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC2 x fi x N + ∑ (CL x VCC2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (CL x VCC2 x fo) = sum of outputs.
10.1 Waveforms and test circuit
aaa-028454
An input
GND
Yn output
VM
tPLZ
tPZL
tTHL
VM
VX
VY
VX
VM
VOL
VCC
VI
Measurement points are given in Table 8.
VOL is a typical voltage output level that occurs with the output load.
Figure 4. Input to output propagation delays and HIGH to LOW output transition time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com