Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC9115D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC9115D
Description  Nine wide Schmitt trigger buffer; open drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC9115D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC9115D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
74HC9115
Nine wide Schmitt trigger buffer; open drain outputs
74HC9115
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 10 April 2018
3 / 12
5.2 Pin description
Table 2. Pin description
Symbol
Pin
Description
A0, A1, A2, A3, A4, A5, A6, A7, A8
1, 2, 3, 4, 5, 6, 7, 8, 9
data inputs
GND
10
ground (0 V)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7, Y8
19, 18, 17, 16, 15, 14, 13, 12, 11
data outputs
VCC
20
supply voltage
6 Functional description
Table 3. Function table [1]
Input
Output
An
Yn
L
L
H
Z
[1] H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
7 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7.0
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
[1]
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[2]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] Above 70 °C the value of Ptot derates linearly with 8 mW/K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com