Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC9115D Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC9115D
Description  Nine wide Schmitt trigger buffer; open drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC9115D Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC9115D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC9115D Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
74HC9115
Nine wide Schmitt trigger buffer; open drain outputs
74HC9115
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 10 April 2018
7 / 12
10.2 Transfer characteristics
Table 10. Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 6 and Figure 7.
Tamb = 25 °C
Tamb = −40 °C
to +85 °C
Tamb = −40 °C
to +125 °C
Symbol Parameter
Conditions
Min
Typ Max
Min
Max
Min
Max
Unit
VCC = 2.0 V
0.70 1.13 1.50
0.70
1.50
0.70
1.50
V
VCC = 4.5 V
1.75 2.37 3.15
1.75
3.15
1.75
3.15
V
VT+
positive-going
threshold voltage
VCC = 6.0 V
2.30 3.11 4.20
2.30
4.20
2.30
4.20
V
VCC = 2.0 V
0.30 0.70 1.10
0.30
1.10
0.30
1.10
V
VCC = 4.5 V
1.35 1.80 2.40
1.35
2.40
1.35
2.40
V
VT-
negative-going
threshold voltage
VCC = 6.0 V
1.8
2.43 3.30
1.80
3.30
1.80
3.30
V
VCC = 2.0 V
0.2
0.43 0.80
0.18
0.80
0.15
0.80
V
VCC = 4.5 V
0.4
0.57 1.00
0.40
1.00
0.40
1.00
V
VH
hysteresis voltage
VCC = 6.0 V
0.5
0.68 1.10
0.50
1.10
0.50
1.10
V
10.3 Transfer characteristics waveforms
mnb154
VO
VH
VI
VT+
VT-
Figure 6. Transfer characteristics
mnb155
VO
VI
VH
VT+
VT-
Figure 7. Transfer characteristics definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com