Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1542703 Datasheet (PDF) - PHOENIX CONTACT

1542703 Datasheet PDF - PHOENIX CONTACT
Part # 1542703
Download  1542703 Download
File Size   1727.64 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-5CON-PG 9/0,5 SCO - Device connector, rear mounting

1542703 Datasheet (PDF)

Go To PDF Page Download Datasheet
1542703 Datasheet PDF - PHOENIX CONTACT

Part # 1542703
Download  1542703 Click to download

File Size   1727.64 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-5CON-PG 9/0,5 SCO - Device connector, rear mounting

1542703 Datasheet (HTML) - PHOENIX CONTACT


1542703 Product details

Device connector, rear mounting, Universal, 5-position, Flush-type male connector, straight,
M12-SPEEDCON, coding: A , on free cable end, Rear mounting, Pg9, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239957

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1542703

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1542706-2 MACOM-1542706-2 Datasheet
491Kb / 3P
XFP Products
logo
TE Connectivity Ltd
1542706-2 TEC-1542706-2 Datasheet
215Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1542706-2 TEC-1542706-2 Datasheet
247Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1542706-3 TEC-1542706-3 Datasheet
95Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1542703

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1551875 PHOENIX-1551875 Datasheet
603Kb / 13P
SACC-DSI-MS-4CON-M12/0,5 SCO - Device connector, rear mounting
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
1430459 PHOENIX-1430459 Datasheet
1Mb / 12P
SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1430475 PHOENIX-1430475 Datasheet
1Mb / 12P
SACC-DSI-MS-17CON-PG9/0,5 SCO - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
1542716 PHOENIX-1542716 Datasheet
1Mb / 13P
SACC-DSI-MS-8CON-PG 9/0,5 SCO - Device connector, rear mounting
1542729 PHOENIX-1542729 Datasheet
2Mb / 14P
SACC-DSI-FS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1027697 PHOENIX-1027697 Datasheet
551Kb / 12P
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com