Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027697 Datasheet (PDF) - PHOENIX CONTACT

1027697 Datasheet PDF - PHOENIX CONTACT
Part # 1027697
Download  1027697 Download
File Size   551.22 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting

1027697 Datasheet (PDF)

Go To PDF Page Download Datasheet
1027697 Datasheet PDF - PHOENIX CONTACT

Part # 1027697
Download  1027697 Click to download

File Size   551.22 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting

1027697 Datasheet (HTML) - PHOENIX CONTACT


1027697 Product details

Device connector, rear mounting, Universal, 5-position, Flush-type male connector, straight,
M12-Push-Pull, coding: A , on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• Established M12 standard for secure transmission of signals, data, and power
• Easy and quick cabling of devices and systems in hard-to-reach areas
• Manufacturer-independent M12 push-pull locking system for maximum availability
• Reliable shield connection even under extreme mechanical strain




Similar Part No. - 1027697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027691 PHOENIX-1027691 Datasheet
379Kb / 10P
SACC-DSI-MSD-4CON-M16/0,5 PP - Device connector rear mounting
1027694 PHOENIX-1027694 Datasheet
557Kb / 12P
SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting
1027696 PHOENIX-1027696 Datasheet
66Kb / 3P
Flush-type connector - SACC-DSI-FSD-4CON-M16-L180 PP
More results


Similar Description - 1027697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1419739 PHOENIX-1419739 Datasheet
467Kb / 12P
SACC-DSI-M12FS-17CON-M16/0,5 - Device connector, rear mounting
1441778 PHOENIX-1441778 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-M16 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1441891 PHOENIX-1441891 Datasheet
1Mb / 12P
SACC-DSI-M12FS-5CON-M16 SH - Device connector, rear mounting
1424317 PHOENIX-1424317 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,75 - Device connector, rear mounting
1441765 PHOENIX-1441765 Datasheet
517Kb / 11P
SACC-DSI-M12MS-5CON-M16 - Device connector, rear mounting
1542703 PHOENIX-1542703 Datasheet
1Mb / 14P
SACC-DSI-MS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1027694 PHOENIX-1027694 Datasheet
557Kb / 12P
SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com