Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027694 Datasheet (PDF) - PHOENIX CONTACT

1027694 Datasheet PDF - PHOENIX CONTACT
Part # 1027694
Download  1027694 Download
File Size   557.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting

1027694 Datasheet (PDF)

Go To PDF Page Download Datasheet
1027694 Datasheet PDF - PHOENIX CONTACT

Part # 1027694
Download  1027694 Click to download

File Size   557.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting

1027694 Datasheet (HTML) - PHOENIX CONTACT


1027694 Product details

Device connector front mounting, Universal, 5-position, Flush-type male connector, straight,
M12-Push-Pull, coding: A , on free cable end, Front mounting, M16 x 1.5, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• Established M12 standard for secure transmission of signals, data, and power
• Easy and quick cabling of devices and systems in hard-to-reach areas
• Manufacturer-independent M12 push-pull locking system for maximum availability
• Reliable shield connection even under extreme mechanical strain




Similar Part No. - 1027694

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027691 PHOENIX-1027691 Datasheet
379Kb / 10P
SACC-DSI-MSD-4CON-M16/0,5 PP - Device connector rear mounting
1027696 PHOENIX-1027696 Datasheet
66Kb / 3P
Flush-type connector - SACC-DSI-FSD-4CON-M16-L180 PP
1027697 PHOENIX-1027697 Datasheet
551Kb / 12P
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
More results


Similar Description - 1027694

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1458868 PHOENIX-1458868 Datasheet
540Kb / 13P
SACC-E-M12MS-5CON-M16/0,5 VA - Device connector front mounting
1556265 PHOENIX-1556265 Datasheet
467Kb / 12P
SACC-E-MS-12CON-M16/0,5 SCO - Device connector front mounting
1520039 PHOENIX-1520039 Datasheet
1Mb / 15P
SACC-E-FS-5CON-M16/0,5 SCO - Device connector front mounting
1520055 PHOENIX-1520055 Datasheet
549Kb / 14P
SACC-E-MS-5CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
1436411 PHOENIX-1436411 Datasheet
539Kb / 13P
SACC-E-M12MS-5CON-M16/0,5 P - Device connector front mounting
1459618 PHOENIX-1459618 Datasheet
471Kb / 12P
SACC-E-MS-3CON-M16/0,5 SCO - Device connector front mounting
1027697 PHOENIX-1027697 Datasheet
551Kb / 12P
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
1520068 PHOENIX-1520068 Datasheet
521Kb / 11P
SACC-EC-MS-5CON-M16/0,5 SCO - Device connector front mounting
1108117 PHOENIX-1108117 Datasheet
557Kb / 12P
SACC-E-MS-4CON-M16/0,5 PP - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com