Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THRP Datasheet (PDF) - Greystone Energy Systems Inc.

THRP Datasheet PDF - Greystone Energy Systems Inc.
Part # THRP
Download  THRP Download
File Size   270.1 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT

THRP Datasheet (PDF)

Go To PDF Page Download Datasheet
THRP Datasheet PDF - Greystone Energy Systems Inc.

Part # THRP
Download  THRP Click to download

File Size   270.1 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT

THRP Datasheet (HTML) - Greystone Energy Systems Inc.


THRP Product details

PRODUCT DESCRIPTION
The single point strap-on high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor
is encapsulated in a 6 mm (0.236”) OD, 304
stainless steel probe and is available in various
lengths (see ordering chart). Standard wire
length is 5’ (1.5 m). All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed Polycarbonate enclosure is
included for ease of installation.




Similar Part No. - THRP

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
THR-10261-XX MACROMATIC-THR-10261-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10261-XXJ MACROMATIC-THR-10261-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XX MACROMATIC-THR-10262-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XXJ MACROMATIC-THR-10262-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10266-XX MACROMATIC-THR-10266-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - THRP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TDRP GREYSTONE-TDRP Datasheet
223Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com