Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSO Datasheet (PDF) - Greystone Energy Systems Inc.

TLSO Datasheet PDF - Greystone Energy Systems Inc.
Part # TLSO
Download  TLSO Download
File Size   287.03 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description STRAP-ON LOW LIMIT THERMOSTAT

TLSO Datasheet (PDF)

Go To PDF Page Download Datasheet
TLSO Datasheet PDF - Greystone Energy Systems Inc.

Part # TLSO
Download  TLSO Click to download

File Size   287.03 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description STRAP-ON LOW LIMIT THERMOSTAT

TLSO Datasheet (HTML) - Greystone Energy Systems Inc.


TLSO Product details

PRODUCT DESCRIPTION
The single point strap-on low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 38.1 mm x 12.7 mm (1.5” x 0.5”)
machined aluminum heat sink. A 254 mm (10”)
S/S Pipe clamp is provided to secure the assembly
to various sizes of pipe. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed Polycarbonate enclosure is
included for ease of installation.




Similar Part No. - TLSO

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TLS AEC-TLS Datasheet
422Kb / 3P
electronic tilt switches
logo
C&K Components
TLS CK-COMPONENTS-TLS Datasheet
112Kb / 1P
Soft Sound Tact Switch
29 Jun 21
logo
Brady Worldwide, Inc.
TLS BRADY-TLS Datasheet
359Kb / 1P
TLS2200® Labeling System
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results


Similar Description - TLSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THRP GREYSTONE-THRP Datasheet
270Kb / 2P
REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com