Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLFL Datasheet (PDF) - Greystone Energy Systems Inc.

TLFL Datasheet PDF - Greystone Energy Systems Inc.
Part # TLFL
Download  TLFL Download
File Size   268.88 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD LOW LIMIT THERMOSTAT

TLFL Datasheet (PDF)

Go To PDF Page Download Datasheet
TLFL Datasheet PDF - Greystone Energy Systems Inc.

Part # TLFL
Download  TLFL Click to download

File Size   268.88 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description FLYING LEAD LOW LIMIT THERMOSTAT

TLFL Datasheet (HTML) - Greystone Energy Systems Inc.


TLFL Product details

PRODUCT DESCRIPTION
The single point flying lead low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 6 mm (0.236”) OD X 50 mm (2”),
304 series stainless steal probe. Standard wire
length is 3.05m (10’). All probes are constructed to
provide excellent heat transfer, fast response and
are potted to resist moisture penetration. A hinged
and gasketed Polycarbonate enclosure is provided
for ease of installation.




Similar Part No. - TLFL

ManufacturerPart #DatasheetDescription
logo
RFE international
TLF0602-181Y RFE-TLF0602-181Y Datasheet
165Kb / 2P
SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
TLF0602-331Y RFE-TLF0602-331Y Datasheet
165Kb / 2P
SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
TLF0602-820Y RFE-TLF0602-820Y Datasheet
165Kb / 2P
SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
TLF0905-100Y RFE-TLF0905-100Y Datasheet
165Kb / 2P
SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
TLF0905-102Y RFE-TLF0905-102Y Datasheet
165Kb / 2P
SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
More results


Similar Description - TLFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com