Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLGL Datasheet (PDF) - Greystone Energy Systems Inc.

TLGL Datasheet PDF - Greystone Energy Systems Inc.
Part # TLGL
Download  TLGL Download
File Size   253.66 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS LOW LIMIT THERMOSTAT

TLGL Datasheet (PDF)

Go To PDF Page Download Datasheet
TLGL Datasheet PDF - Greystone Energy Systems Inc.

Part # TLGL
Download  TLGL Click to download

File Size   253.66 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS LOW LIMIT THERMOSTAT

TLGL Datasheet (HTML) - Greystone Energy Systems Inc.


TLGL Product details

PRODUCT DESCRIPTION
The single point glass low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 31.75mm L x 9.525mm W x 9.525
mm H (1.25” x .375” x .375”) Aluminum probe.
Standard wire length is 1.5 m (5’). All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A hinged and gasketed Polycarbonate
enclosure is included for ease of installation.




Similar Part No. - TLGL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLG1002 TOSHIBA-TLG1002 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
TLG123A TOSHIBA-TLG123A Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLG124A TOSHIBA-TLG124A Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLG163 TOSHIBA-TLG163 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
TLG164 TOSHIBA-TLG164 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
More results


Similar Description - TLGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com