Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGL Datasheet (PDF) - Greystone Energy Systems Inc.

THGL Datasheet PDF - Greystone Energy Systems Inc.
Part # THGL
Download  THGL Download
File Size   253.83 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS HIGH LIMIT THERMOSTAT

THGL Datasheet (PDF)

Go To PDF Page Download Datasheet
THGL Datasheet PDF - Greystone Energy Systems Inc.

Part # THGL
Download  THGL Click to download

File Size   253.83 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description GLASS HIGH LIMIT THERMOSTAT

THGL Datasheet (HTML) - Greystone Energy Systems Inc.


THGL Product details

PRODUCT DESCRIPTION
The single point glass high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 31.75mm L x 9.525mm W x 9.525
mm H (1.25” x .375” x .375”) Aluminum probe.
Standard wire length is 1.5 m (5’). All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A hinged and gasketed Polycarbonate
enclosure is included for ease of installation.




Similar Part No. - THGL

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
THG3801C STANLEY-THG3801C Datasheet
484Kb / 19P
Lead?밼ree soldering compatible
THG3809X STANLEY-THG3809X Datasheet
495Kb / 19P
Lead?밼ree soldering compatible
logo
Toshiba Semiconductor
THGAF4G8N2LBAIR TOSHIBA-THGAF4G8N2LBAIR Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
THGAF4G9N4LBAIR TOSHIBA-THGAF4G9N4LBAIR Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
More results


Similar Description - THGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com