Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THGL
Description  GLASS HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THGL Datasheet HTML 1Page - Greystone Energy Systems Inc. THGL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
GLASS HIGH LIMIT THERMOSTAT
THGL SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
PRODUCT DESCRIPTION
The single point glass high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 31.75mm L x 9.525mm W x 9.525
mm H (1.25” x .375” x .375”) Aluminum probe.
Standard wire length is 1.5 m (5’). All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A hinged and gasketed Polycarbonate
enclosure is included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where both the probe and enclosure can be
mounted. On one side apply epoxy compound
and press firmly against the glass. Hold in place
until the epoxy has set.
Enclosure provides mounting tabs for ease of
installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75 mm L x 9.525 mm W x 9.525 mm H (1.25” x 0.375” x 0.375”)
WIRE MATERIAL
PVC insulated, parallel bonded
WIRE LENGTH
1.5m (5’)
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 104°C (100 to 220°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
600 mm
24”
9.525 mm
0.375"
31.75 mm
1.125”
22 AWG, PVC insulation
Aluminum
116.5 mm
4.58"
53.7 mm
2.11"


Similar Part No. - THGL

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
THG3801C STANLEY-THG3801C Datasheet
484Kb / 19P
Lead?밼ree soldering compatible
THG3809X STANLEY-THG3809X Datasheet
495Kb / 19P
Lead?밼ree soldering compatible
logo
Toshiba Semiconductor
THGAF4G8N2LBAIR TOSHIBA-THGAF4G8N2LBAIR Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
THGAF4G9N4LBAIR TOSHIBA-THGAF4G9N4LBAIR Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
More results

Similar Description - THGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com