Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLGL
Description  GLASS LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLGL Datasheet HTML 1Page - Greystone Energy Systems Inc. TLGL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
GLASS LOW LIMIT THERMOSTAT
TLGL SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT DESCRIPTION
The single point glass low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 31.75mm L x 9.525mm W x 9.525
mm H (1.25” x .375” x .375”) Aluminum probe.
Standard wire length is 1.5 m (5’). All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A hinged and gasketed Polycarbonate
enclosure is included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where both the probe and enclosure can be
mounted. On one side apply epoxy compound
and press firmly against the glass. Hold in place
until the epoxy has set.
Enclosure provides mounting tabs for ease of
installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75 mm L x 9.525 mm W x 9.525 mm H (1.25” x 0.375” x 0.375”)
WIRE MATERIAL
PVC insulated, parallel bonded
WIRE LENGTH
1.5m (5’)
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°C)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
1.5 m
5’
9.525 mm
0.375"
31.75 mm
1.125”
22 AWG, PVC Insulation
Aluminum
116.5 mm
4.58"
53.7 mm
2.11"


Similar Part No. - TLGL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLG1002 TOSHIBA-TLG1002 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
TLG123A TOSHIBA-TLG123A Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLG124A TOSHIBA-TLG124A Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLG163 TOSHIBA-TLG163 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
TLG164 TOSHIBA-TLG164 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
More results

Similar Description - TLGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com